Part Number Hot Search : 
MAX3085 IRGBC30U IRF2907Z FAN73611 TC500ACP 01118 12P20 SC6433
Product Description
Full Text Search
 

To Download DP35D6S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  diesel generator set DP35D6S 35 kwe / 60 hz / prime 208 - 600v (reference ds35d6s for standby rating technical data) system ratings prime DP35D6Sgt DP35D6Spt DP35D6Sjt DP35D6Svt DP35D6Srt DP35D6Snt voltage (l-l) 240v** 208v** 240v** 380v** 480v** 600v** phase 1 3 3 3 3 3 pf 1.0 0.8 0.8 0.8 0.8 0.8 hz 60 60 60 60 60 60 kw 35 35 35 35 35 35 kva 35 43.75 43.75 43.75 43.75 43.75 amps 146 122 105 67 53 42 skva@30% voltage dip 62 128 128 128 173 92 generator model 361csl1601 361csl1601 361csl1601 361csl1601 361csl1601 361psl1632 temp rise 105 c/40 c 105 c/40 c 105 c/40 c 105 c/40 c 105 c/40 c 105 c/40 c connection 12 lead 12 lead 12 lead 12 lead 12 lead double delta low wye hi delta hi wye hi wye 4 lead wye ** ul 2200 o ? ered // ? emissions ? epa tier 3 certi ed // ? generator set is designed and manufactured in facilities certi ed to standards iso 9001:2008 and iso 14001:2004 // ? ul 2200 / csa ? optional ? ul 2200 listed ? csa certi ed // ? performance assurance certification (pac) - generator set tested to iso 8528-5 for transient response - veri ed product design, quality and performance integrity - all engine systems are prototype and factory tested // ? power rating - accepts rated load in one step per nfpa 110 certifications and standards
2 // / ? / DP35D6S // ? engine air cleaner oil pump oil drain extension & s/o valve full flow oil filter fuel filter with water separator jacket water pump thermostat blower fan & fan drive radiator - unit mounted electric starting motor - 12v governor ? mechanical droop base - formed steel sae flywheel & bell housing charging alternator - 12v battery box & cables flexible fuel connectors flexible exhaust connection epa certi ed engine // ? generator nema mg1, ieee and ansi standards compliance for temperature rise and motor starting self-ventilated and drip-proof superior voltage waveform solid state, volts-per-hertz regulator 1% voltage regulation no load to full load brushless alternator with brushless pilot exciter 4 pole, rotating field 105 c maximum prime temperature rise 1 bearing, sealed flexible coupling full amortisseur windings 125% rotor balancing 3-phase voltage sensing 100% of rated load - one step 5% maximum total harmonic distortion // ? digital control panel(s) digital metering engine parameters generator protection functions engine protection sae j1939 engine ecu communications windows ? -based software multilingual capability remote communications to rdp-110 remote annunciator programmable contact inputs programmable contact outputs ul recognized, c sa certi ed, ce approved event recording ip 54 front panel rating with integrated gasket nfpa110 compatible standard equipment* // ? mtu onsite energy is a single source supplier // ? global product support // ? 2 year standard warranty // ? 4045tf280 diesel engine - 4.5 liter displacement - mechanical injection pump - 4-cycle // ? engine-generator resilient mounted // ? complete range of accessories // ? generator - brushless, rotating field generator - 2/3 pitch windings - 300% short circuit capability with optional pmg // ? digital control panel(s) - ul recognized, csa certi ed, nfpa 110 - complete system metering - lcd display // ? cooling system - integral set-mounted - engine driven fan standard features* * represents standard product only. consult factory/mtu onsite energy distributor for additional con gurations.
3 // / ? / DP35D6S // ? engine manufacturer john deere model 4045tf280 type 4-cycle arrangement 4-inline displacement: l (in 3 ) 4.5 (275) bore: cm (in) 10.6 (4.19) stroke: cm (in) 2.7 (5.0) compression ratio 19.0:1 rated rpm 1,800 engine governor mechanical droop maximum power: kwm (bhp) 57 (76) speed regulation 0.50% air cleaner dry // ? liquid capacity (lubrication) total oil system: l (gal) 13 (3.4) engine jacket water capacity: l (gal) 85 (2.3) system coolant capacity: l (gal) 18.9 (5) // ? electrical electric volts dc 12 cold cranking amps under -17.8 c (0 f) 925 // ? fuel system fuel supply connection size 3/8? npt fuel return connection size 3/8? npt maximum fuel lift: m (ft) 1.8 (6) recommended fuel diesel #2 total fuel flow: l/hr (gal/hr) 56.4 (14.9) // ? fuel consumption prime at 100% of power rating: l/hr (gal/hr) 15.9 (4.2) at 75% of power rating: l/hr (gal/hr) 12.5 (3.3) at 50% of power rating: l/hr (gal/hr) 9.1 (2.4) // ? cooling - radiator system prime ambient capacity of radiator: c (f) 50 (122) maximum allowable static pressure on rad. exhaust: kpa (in. h 2 0) 0.12 (0.5) water pump capacity: l/min (gpm) 144 (38) heat rejection to coolant: kw (btum) 33 (1,878) heat radiated to ambient: kw (btum) 5 (283) fan power: kw (hp) 1.6 (2.2) // ? air requirements prime aspirating: *m 3 / min (scfm) 5.1 (180) air flow required for rad. cooled unit: *m 3 / min (scfm) 117 (4,088) remote cooled applications; air flow required for dissipation of radiated gen-set heat for a max of 25 f rise: *m 3 / min (scfm) 18.2 (638) * air density = 1.184 kg/m 3 (0.0739 lbm/ft 3 ) // ? exhaust system prime gas temp. (stack): c (f) 551 (1,024) gas volume at stack temp: m 3 / min (cfm) 18.3 (645) maximum allowable back pressure: kpa (in. h 2 0) 7.5 (30) minimum allowable back pressure: kpa (in. h 2 0) n/a application data
4 // / ? / DP35D6S ? mtu onsite energy. subject to alteration due to technological advances. oe 23 497 (77 3e) 2014-02 emissions data no x hc co pm 3.1 0.22 0.8 0.18 all units are in g/hp-hr and are epa d2 cycle values. emission levels of the engine may vary as a function of ambient temperature, barometric pressure, humidity, fuel type and quality, installation parameters, measuring instrumentation, etc. the data provided are laboratory results from one engine representing this rating. the data was obtained under controlled environmental conditions with calibrated instrumentation traceable to the united states national bureau of standards and in compliance with us epa regulations found within 40 cfr part 89. the weighted cycle value from each engine is guaranteed to be below the us epa standards at the us epa de ned conditions. rating definitions and conditions // ? prime power ratings apply to installations where utility power is unavailable or unreliable. at varying load, the number of generator set operating hours is unlimited. a 10% overload capacity is available for one hour in twelve. ratings are in accordance with iso 8528-1, overload power in accordance with iso 3046-1, bs 5514, as 2789, and din 6271. // ? deration factor: altitude : consult your local mtu onsite energy power generation distributor for altitude derations. temperature : consult your local mtu onsite energy power generation distributor for temperature derations. weights and dimensions sound data unit type prime full load level 0: open power unit db(a) 80.2 sound data is provided at 7 m (23 ft). generator set tested in accordance with iso 8528-10 and with in nite exhaust. system dimensions (l x w x h) weight (dry/less tank) open power unit (opu) 1,724 x 752 x 1,321 mm (67.87 x 29.62 x 52 in) 805 kg (1,770 lb) drawing above for illustration purposes only, based on standard open power 480 volt generator set. lengths may vary with other voltages. do not use for installation design. see website for unit speci c template drawings. weights and dimensions are based on open power units and are estimates only. consult the factory for accurate weights and dimen sions for your speci c generator set. materials and speci cations subject to change without notice. c/f = consult factory/mtu onsite energy distributor mtu onsite energy a rolls-royce power systems brand www.mtuonsiteenergy.com


▲Up To Search▲   

 
Price & Availability of DP35D6S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X